PART |
Description |
Maker |
PS7801-A-F3 PS7801 PS7801-A-F4 PS7801-1A |
LEAD FREE A6279 SOIC 邻舍4针超小型平引脚,低输出电通道光学耦合MOSFET LEAD FREE A6279ELP-T WITH TAPE & REEL LEAD FREE A6279ELW-T WITH TAPE & REEL NECs 4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET NECs 4-PIN ULTRA SMALL FLAT-LEAD / LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET NECs 4-PIN ULTRA SMALL FLAT-LEAD LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
|
NEC, Corp. NEC Corp. NEC[NEC]
|
PS7241H1A-E3 PS7241H1A-F3 PS7241H1A-F4 |
FET-OUTPUT OPTOCOUPLER Linear Current Sensing IC in a 8-Lead DIP package; A IR2175 packaged in a Lead-Free 8-Lead SOIC 场效应管输出光耦合
|
HIROSE ELECTRIC Co., Ltd.
|
ASM3P2111AF-08ST ASM3I2111AF-08SR ASM3I2111AF-08ST |
Peak EMI Reducing Solution 66.6 MHz, OTHER CLOCK GENERATOR, PDSO8 LEAD FREE, SOIC-8 Octal D-Type Flip-Flops With Clear 20-SOIC -40 to 85 降低峰值电磁干扰解决方
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Ecliptek, Corp. Alliance Semiconductor, Corp.
|
AM29818AXM AM29818ADE AM29818APC AM29818ADCB AM298 |
Digital Audio Driver with Discrete Dead-Time and Protection. High and Low Side Driver in a 14-Lead SOIC package; A IRS20124S packaged in a Lead-Free Pipeline Register High Performance Appliance RAM Based Motion Control IC; A IRMCF343 with Standard Packaging High Voltage, high performance Class D audio aplifier driver with PWM modulator and protection in a 16-Lead PDIP Package; A IRS2092PBF with Standard Packaging Fully optimized solution for high current synchronous buck multiphase applications in a LGA power block.; Similar to IP2003ATR with Lead Free Packaging. High Voltage, high performance Class D audio aplifier driver with PWM modulator and protection in a 16-Lead SOIC Narrow Package; Similar to IRS2092PBF Shipped on Tape and Reel Synchronous Buck Multiphase Optimized BGA Power Block.; Similar to iP2002 with Lead Free Packaging on Tape and Reel. 500VA HiRel iMotion Digital Sensor-Less Motor Controller in an MP-3T package.; A IRMCT3UF1 with Standard Packaging Fully optimized solution for high current synchronous buck multiphase applications in a LGA power block.; Similar to IP2003A with Lead Free Packaging. A high performance OTP based motion control IC designed primarily for appliance applications.; A IRMCK343 with Standard Packaging Self-Oscillating Full-Bridge 600V Driver in a 14-Lead SOIC narrow boddy package; A IRS2453D packaged in a Lead-Free 14-Lead SOIC shipped on Tape and Reel Protected Digital Audio Driver with Floating PWM input in a 16-Lead SOIC Narrow Package; A IRS20955SPBF packaged in a Lead-Free 16-Lead SOIC Narrow shipped on Tape and Reel IP1001; A IP1001 with Standard Packaging Dual Output Full Function 2 Phase Synchronous Power Block, Integrated Power Semiconductors, PWM Controller and Passives.; Similar to iP1201 with Lead Free packaging. Protected Digital Audio Driver with Floating PWM input; A IRS20954SPBF with Standard Packaging 管道注册
|
Advanced Micro Devices, Inc.
|
AM29707DC AM29707LC AM29707PC AM29705/BXA AM29705A |
Dual Low Side Driver in a 8-pin DIP package; A IR4427 packaged in a 8-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs in a 8-pin DIP package; A IR2181 packaged in a Lead-Free 8-Lead SOIC Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, All high Voltage Pins on One Side, Programmable 540-5000ns Deadtime in a 14-pin DIP package; A IRS21094 packaged in a Lead-Free 14-Lead SOIC High voltage, high speed power MOSFET and IGBT driver with dependent high side and low side referenced output channels packaged in a 8-Pin SOIC; A IRS2609DSPBF with Standard Packaging x4 SRAM Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, All high Voltage Pins on One Side, Programmable 540-5000ns Deadtime in a 14-pin DIP package; A IRS21094 packaged in a Lead-Free 14-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs in a 8-pin DIP package; A IR2181 packaged in a 8-Lead SOIC x4SRAM
|
|
AM29L516DC AM29L517DC AM29L517AXC AM29L517/BXC AM2 |
Dimming Ballast Control, Brown-out Protection, Programmable Preheat Time, 1.8us Deadtime in a 16-lead SOIC Narrow package; A IR21593S with Standard Dimming Ballast Control, Brown-out Protection, Programmable Preheat Time, 1.8us Deadtime in a 16-lead SOIC Narrow package; A IR21592S with Tape Dimming Ballast Control, Brown-out Protection, Programmable Preheat Time, 1.8us Deadtime in a 16-lead SOIC Narrow package; A IR21592S with Standard Half Bridge Driver, LO In Phase with RT, Programmable Oscillating Frequency, 0.6us Deadtime in a 8-lead SOIC package and different phase; Similar to IR21531S with Lead Free Packaging Hi-Rel DC-DC Standard Dual Converter in a ATR package; A ATR2815D with Standard Packaging Ballast Control, Programmable Preheat Time and Run Frequency, Programmable Deadtime in a 14-pin DIP package; A IR2156 with Standard Packaging Hi-Rel DC-DC Standard Triple Converter in a ATR package; A ATR2815T with Standard Packaging Hi-Rel DC-DC Rad-Hard Triple Converter in a ART package; A ART2812T with Standard Packaging 600V Ballast Controller IC with Adaptive Zero-Voltage Switching, Internal Crest Factor Over-Current Protection and an Integrated Bootstrap Diode in a 8-Pin SOIC package.; Similar to IR2520DS with Lead Free Packaging Multiplier 乘数
|
Rochester Electronics, LLC
|
CY62256VLL-70SNXET |
32K X 8 STANDARD SRAM, 70 ns, PDSO28 0.300 INCH, LEAD FREE, SOIC-28
|
Cypress Semiconductor, Corp.
|
AD8643ARZ-REEL AD8641ARZ AD8642ARZ-REEL |
Low Power, Rail-to-Rail Output, Precision JFET Quad Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 1500 uV OFFSET-MAX, 3.5 MHz BAND WIDTH, PDSO14 Low Power, Rail - to - Rail Output Precision JFET Amplifier in 5-lead SC70 and 8-lead SOIC lead-free packages; Package: SOIC; No of Pins: 8; Temperature Range: Industrial OP-AMP, 1500 uV OFFSET-MAX, 3.5 MHz BAND WIDTH, PDSO8 Low Power, Rail-to-Rail Output Precision JFET Dual Amplifier in 8-lead MSOP and 8-lead SOIC lead-free Packages; Package: SOIC; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 1500 uV OFFSET-MAX, 3.5 MHz BAND WIDTH, PDSO8
|
Analog Devices, Inc.
|
SY100EPT22VZZTR |
DUAL TTL/CMOS TO PECL TRANSLATOR, COMPLEMENTARY OUTPUT, PDSO8 LEAD FREE, PLASTIC, SOIC-8
|
Micrel Semiconductor, Inc.
|
AM2964B/BQA AM2964B/BUA AM2964BPC AM2964BDMB AM296 |
3 Phase Driver, Inverting Input, 0.8us Deadtime in a 28-pin DIP package; A IR2132 packaged in a 28-Lead SOIC shipped on Tape and Reel 3 Phase Driver, Inverting Input, 2.5us Deadtime in a 28-pin DIP package; A IR2130 packaged in a 28-Lead PDIP Half Bridge Driver, Soft Turn-On, Separate High and Low Side Inputs, Fixed 500ns Deadtime in a 8-pin DIP package; A IR2108 packaged in a 8-Lead PDIP DRAM控制 3 Phase Driver, Inverting Input, 2.5us Deadtime in a 28-pin DIP package; A IR2130 packaged in a Lead-Free 28-Lead SOIC DRAM控制 Half Bridge Driver, SoftTurn-On, Noninverting Inputs in a 8-pin DIP package; A IR2304 packaged in a 8-Lead SOIC DRAM控制
|
NXP Semiconductors N.V.
|
PEEL18CV8ZJ-25L PEEL18CV8ZJI-25L PEEL18CV8ZS-25L P |
EE PLD, 25 ns, PQCC20 LEAD FREE, PLASTIC, LCC-20 EE PLD, 25 ns, PQCC20 PLASTIC, LCC-20 EE PLD, 25 ns, PDSO20 0.300 INCH, LEAD FREE, SOIC-20 EE PLD, 25 ns, PDSO20 0.300 INCH, SOIC-20 EE PLD, 25 ns, PDSO20 0.170 INCH, TSSOP-20 EE PLD, 25 ns, PDIP20 0.300 INCH, LEAD FREE, PLASTIC, DIP-20 EE PLD, 25 ns, PDIP20 0.300 INCH, PLASTIC, DIP-20
|
Diodes, Inc.
|
AM2960-1LCB AM2960-1JC AM2960-1JCB AM2960-1PC AM29 |
Dual Low Side Driver, Inverting Input in a 8-pin DIP package; A IR4426 packaged in a Lead-Free 8-Lead PDIP Error Detection & Correction (EDAC) Dual Low Side Driver, Inverting Input in a 8-pin DIP package; A IR4426 packaged in a Lead-Free 8-Lead SOIC Single High Side Driver, Current Limiting, Programmable Shutdown Error Pin in a 8-pin DIP package; A IR2125 packaged in a 16-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs, All High Voltage Pins On One Side, Separate Logic and Power Ground in a 14-pin DIP package; A IR21814 packaged in a Lead-Free 14-Lead SOIC High Voltage and High Speed power MOSFET and IGBT Half Bridge Driver in a 8-pin DIP package; A IR2308 packaged in a Lead-Free 8-Lead SOIC 3 Phase Driver, Separate High and Low Side Inputs, Overcurrent Comparator, Latching Fault Logic, Fault Clear Input, Synchronized Shutdown Input, 200ns Deadtime in a 28-pin DIP package; A IR2235 packaged in a mod. 44-Lead PLCC High Voltage and High Speed power MOSFET and IGBT Half Bridge Driver in a 8-pin DIP package; A IR2308 packaged in a 8-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs, All High Voltage Pins On One Side, Separate Logic and Power Ground in a 14-pin DIP package; A IR21814 packaged in a 14-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs, All High Voltage Pins on One Side, Separate Logic and Power Ground in a 14-pin DIP package; A IR21064 packaged in a Lead-Free 14-Lead SOIC High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs, All High Voltage Pins On One Side, Separate Logic and Power Ground in a 14-pin DIP package; A IR21814 packaged in a Lead-Free 14-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs, All High Voltage Pins on One Side, Separate Logic and Power Ground in a 14-pin DIP package; A IR21064 packaged in a Lead-Free 14-Lead PDIP High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2113 packaged in a Lead-Free 16-Lead SOIC High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs, All High Voltage Pins On One Side, Separate Logic and Power Ground in a 14-pin DIP package; A IR21814 packaged in a 14-Lead SOIC Error Detection & Correction (EDAC) 错误检 3 Phase Driver, Separate High and Low Side Inputs, Overcurrent Comparator, Latching Fault Logic, Fault Clear Input, Synchronized Shutdown Input, 200ns Deadtime in a 28-pin DIP package; A IR2233 packaged in a mod. 44-Lead PLCC 错误检 3 Phase Driver, Separate High and Low Side Inputs, Overcurrent Comparator, Latching Fault Logic, Fault Clear Input, Synchronized Shutdown Input, 200ns Deadtime in a 28-pin DIP package; A IR2235 packaged in a 28-Lead SOIC 错误检
|
Omnetics Connector, Corp. Avago Technologies, Ltd. Atmel, Corp.
|
|